PART |
Description |
Maker |
UPD23C1001E |
Mask Programmable CMOS ROM
|
NEC Electronics
|
UM23C1028 |
CMOS Mask Programmable ROM
|
UMC
|
HN62331AP HN62331F |
CMOS MASK Programmable ROM
|
Hitachi
|
LH5324P00A LH5324P00AN |
CMOS 24M(1,5M X 16) Mask-Programmable ROM CMOS 24M (3M x 8/1.5M x 16) Mask-Programmable ROM
|
Sharp Corporation
|
HN62324B HN62304B |
(HN62304B / HN62324B) CMOS Mask Programmable ROM
|
Hitachi
|
LH532100B LH532100BD LH532100BN LH532100BS LH53210 |
CMOS 2M(256K x 8) Mask-Programmable ROM CMOS 2M (256K x 8) MROM CONN SCSI .085 MALE RA 14POS
|
Sharp Electrionic Components Sharp Corporation
|
LH534B00 LH534B00T |
CMOS 4M(512K X 8) Mask-Programmable ROM CMOS 4M (512K x 8) MROM
|
Sharp Electrionic Components Sharp Corporation
|
LH532100B- LH532100B-1 LH532100BD-1 LH532100BN-1 L |
CMOS 2M(256K x 8) Mask-Programmable ROM CMOS 2M (256K x 8) MROM
|
SHARP[Sharp Electrionic Components]
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
MSM66P56-XX MSM66P54-XX MSM6650 MSM6656A MSM6656-X |
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable (OTP) ROM
|
OKI
|